PART |
Description |
Maker |
HP4936DY FN4469 HP4936DYT |
5.8A, 30V, 0.037 Ohm, Dual N-Channel,Logic Level Power MOSFET(5.8A, 30V, 0.037 Ω,双N沟道,逻辑电平功率MOS场效应管) 5.8 A, 30 V, 0.037 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 5.8A I(D) | SO 5.8 A, 30 V, 0.037 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET 5.8A/ 30V/ 0.037 Ohm/ Dual N-Channel/ Logic Level Power MOSFET 5.8A, 30V, 0.037 Ohm, Dual N-Channel, Logic Level Power MOSFET From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
FDB883210 FDB8832-F085 FDB8832F085 |
30V N-Channel Logic Level PowerTrenchMOSFET N-Channel Logic Level PowerTrench? MOSFET 30V, 80A, 2.1mΩ
|
Fairchild Semiconductor
|
FQI45N03L FQB45N03L |
30V LOGIC N-Channel MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 45A I(D) | TO-263AB
|
http:// FAIRCHILD[Fairchild Semiconductor]
|
HP4936DY HP4936DYT |
Discrete Commercial Dual N-Channel Logic Level Power MOSFET, 30V, 5.8A, 0.037 ohms @ Vgs = 10V, SO-8 Package 5.8A, 30V, 0.037 Ohm, Dual N-Channel, Logic Level Power MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FDC658AP |
Single P-Channel Logic Level PowerTrench? MOSFET -30V, -4A, 50mOhm Single P-Channel Logic Level PowerTrench㈢ MOSFET -30V, -4A, 50mOhm
|
FAIRCHILD[Fairchild Semiconductor]
|
HUF76113T3ST FN4388 |
4.7A, 30V, 0.031 Ohm, N-Channel, Logic Level UltraFET Power MOSFET(4.7A, 30V, 0.031 Ω,N沟道,逻辑电平,UltraFET功率MOS场效应管) From old datasheet system
|
INTERSIL[Intersil Corporation]
|
HUF76132SK8 FN4753 |
From old datasheet system 11.5A 30V 0.0115 Ohm N-Channel Logic Level UltraFET Power MOSFET 11.5A, 30V, 0.0115 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
|
INTERSIL[Intersil Corporation]
|
FQP26N03L |
30V LOGIC N-Channel MOSFET
|
Fairchild Semiconductor
|
FQD45N03L |
30V LOGIC N-Channel MOSFET
|
Fairchild Semiconductor
|
FDN361BN |
30V N-Channel, Logic Level, PowerTrench MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
|